Part Number Hot Search : 
BZX79C11 7NA60 AD7634 00350 U3502BM STA9012N ADC1215S HMD1M1Z1
Product Description
Full Text Search
 

To Download MSH-0505D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSBH / MSH / MSL
2 WATT DC/DC CONVER TER, SIP PACKAGE
ELECTRICAL SPECIFICATIONS
All specifications are typical at nominal input, full load
INPUT SPECIFICATIONS
Input Voltage Range........................ 10% Input Filter........................................ Capacitor
OUTPUT SPECIFICATIONS
Output Voltage Accuracy................. 5% Efficiency.......................................... 75% typ. Ripple ..............................................200 mVp-p Single 150 mVp-p Dual LineRegulation................................ 1.2%/1% of V in Line Filter......................................... Built-in Load Regulation...............................5V=15% max. 9V, 12V, 15V=10% max.
FEATURES
ECONOMY LINE 7 PIN PACKAGE 1000 VDC ISOLATION UNREGULATED OUTPUT UL 94V-0 PACKAGE MATERIAL 5V ~ 24V INPUT MODELS ONE YEAR WARRANTY
GENERAL SPECIFICATIONS
Isolation Voltage................................. 1000 VDC MTBF.............................................. >1,000,000 hours Isolation Resistance........................ 1000M-ohms min. @ 500 VDC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................... -25C ~ +85C Temperature Coefficient...................0.05%/ C Humidity........................................... 30%~95% RH Storage Temperature....................... -55C ~ +125C
PHYSICAL SPECIFICATIONS
Case Material.....................................UL 94V-0 Plastic Single In-Line Pin Configuration
32
Series
PART NUMBER
MSBH - 0505 MSBH - 0509 MSBH - 0512 MSBH - 0515 MSH - 0505D MSH - 0509D MSH - 0512D MSH - 0515D MSBH - 1205 MSBH - 1209 MSBH - 1212 MSBH - 1215 MSH - 1205D MSH - 1209D MSH - 1212D MSH - 1215D MSBH - 1505 MSBH - 1509 MSBH - 1512 MSBH - 1515 MSH - 1505D MSH - 1509D MSH - 1512D MSH - 1515D MSBH - 2405 MSBH - 2409 MSBH - 2412 MSBH - 2415 MSH - 2405D MSH - 2409D MSH - 2412D MSH - 2415D
INPUT VOLTAGE
OUTPUT VOLTAGE
5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC
OUTPUT CURRENT
400 mA 222 mA 167 mA 133 mA 200 mA 111 mA 84 mA 66 mA 400 mA 222 mA 167 mA 133 mA 200 mA 111 mA 84 mA 66 mA 400 mA 222 mA 167 mA 133 mA 200 mA 111 mA 84 mA 66 mA 400 mA 222 mA 167 mA 133 mA 200 mA 111 mA 84 mA 66 mA
EFFICIENCY
75 % 75 % 78 % 80 % 70 % 75 % 78 % 80 % 82 % 78 % 80 % 85 % 74 % 75 % 80 % 82 % 78 % 78 % 80 % 80 % 70 % 75 % 80 % 82 % 80 % 80 % 84 % 85 % 75 % 78 % 80 % 82 %
5 VDC
12 VDC
1 5 VDC
24 VDC
MSBH= Single Output MSH= Dual Output
0.760" Max.
12 0.020" Typ. 0.080" Typ.
9932 45 6
0.400" Max.
Top View
0.280" Max.
MSH SERIES
0.100" x 5 0.120" Min.
Pin Connections PIN 1 2 4 5 6 SINGLE +INPUT -INPUT -OUTPUTNO PIN +OUTPUT DUAL +INPUT -INPUT -OUTPUT COMMON +OUTPUT
Bottom View NOTE: *TERMINAL 0.020" x 0.010" FLAT PIN
0.050" Typ.
NOTE: All specifications typical and nominal / full load and 25C unless otherwise noted. Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
33
Series
PART NUMBER
MSL - 0505 MSL - 0509 MSL - 0512 MSL - 0515 MSL - 1205 MSL - 1209 MSL - 1212 MSL - 1215 MSL - 1505 MSL - 1509 MSL - 1512 MSL - 1515 MSL - 2405 MSL - 2409 MSL - 2412 MSL - 2415
INPUT VOLTAGE 5 VDC
OUTPUT VOLTAGE
5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 15 VDC
OUTPUT CURRENT
400 mA 222 mA 167 mA 133 mA 400 mA 222 mA 167 mA 133 mA 400 mA 222 mA 167 mA 133 mA 400 mA 222 mA 167 mA 133 mA
EFFICIENCY
70 % 75 % 78 % 80 % 70 % 75 % 78 % 80 % 70 % 75 % 78 % 80 % 70 % 75 % 78 % 80 %
12VDC 15 VDC 24 VDC
MSL - Single Output
0.460" Max.
0.400" Max.
1 0.020" Typ. 0.080" Typ.
2
3
4
Top View
0.100" x 3
0.120" Min.
0.050" Typ. Bottom View
NOTE: *TERMINAL 0.020" x 0.010" FLAT PIN
MSL SERIES
Pin Connections
Pin#
1 2 3 4
NOTE: All specifications typical and nominal / full load and 25C unless otherwise noted. Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
34
0.300" Max.
Single
-INPUT +INPUT -OUTPUT +OUTPUT


▲Up To Search▲   

 
Price & Availability of MSH-0505D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X